Part Number Hot Search : 
D64F26 CRSH1 ICS3821 KIA7427P RHRP3040 KIA7427P KIA7427P MMFTN20
Product Description
Full Text Search
 

To Download WDM-CAD08130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
Key Features
* Low insertion loss * Low polarization dependent loss * Extended operating temperature range suitable for uncontrolled environment * Exceptional reliability and environmental stability * Excellent temperature stability
Applications
* Metro optical networks * Access optical networks * Enterprise networks
The JDSU CWDM modules, based on thin-film filter (TFF) technology, provide extremely high performance. With low insertion loss, low polarization sensitivity, and high temperature stability, these modules are well suited to CWDM network applications. The modules can mux/demux 4 or 8 CWDM channels in the network. These fixed CWDM modules offer low-cost wavelength management solutions. In addition, they are easily customizable, and can be configured by customer-specific channel plan, packaging type, and connector type.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
COARSE WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER (CWDM) FILTER
2
Functional Diagram
4CH Mux&Demux Without Upgrade
4CH Mux&Demux With Upgrade
8CH Mux&Demux Without Upgrade
8CH Mux&Demux With Upgrade
Specifications
Parameter
Without Upgrade Port 4 Ch 8 Ch Minimum Minimum Maximum Maximum Maximum Maximum Minimum Minimum Minimum Minimum Minimum Maximum Maximum Minimum Minimum Maximum 2.0 dB 2.3 dB N/A 0.35 dB
With Upgrade Ports 4 Ch 8 Ch
Operating wavelength range Passband width Insertion loss1 Mux Demux Upgrade Passband ripple Mux isolation Adjacent channel Non-adjacent channel Demux isolation Adjacent channel Non-adjacent channel Upgrade isolatioin Polarization dependent loss Polarization mode dispersion Return loss Directivity Optical power Operating temperature range Storage temperature range Operating humidity
1. Including connectors' loss.
1260 - 1620 nm c6.5 nm 3.5 dB 3.8 dB N/A 0.4 dB 15 dB 15 dB 30 dB 50 dB N/A N/A 0.2 dB 0.2 ps 45 dB 50 dB 500 mW -40 - 85C -40 - 85C 5 - 85% 15 dB 15 dB 2.3 dB 2.3 dB 2.2 dB 0.35 dB 3.9 dB 4.2 dB 1.3 dB 0.4 dB
COARSE WAVELENGTH DIVISION MULTIPLEXER/DEMULTIPLEXER (CWDM) FILTER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at customer.service@jdsu.com.
Sample: WDM-CMD040001
WDM-CMD0
Code 4 F 8 E Number of Channels 4 without upgrade 4 with upgrade 8 without upgrade 8 with upgrade Code 00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 Channel 1271 nm 1291 nm 1311 nm 1331 nm 1351 nm 1371 nm 1391 nm 1411 nm 1431 nm 1451 nm 1471 nm 1491 nm 1511 nm 1531 nm 1551 nm Code 0 1 2 Packaging LGX1 1U 19-inch rack1 1U 23-inch rack1 Code 1 2 3 4 5 6 Connector Type SC/UPC SC/APC Duplex LC/UPC Duplex LC/APC LC/UPC LC/APC
1. Detailed package drawings are available upon request.
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 30162531 000 1108 CWDMMUXDEMUX48.DS.CMS.AE November 2008 LGX is a registered trademark of Alcatel-Lucent.


▲Up To Search▲   

 
Price & Availability of WDM-CAD08130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X